Part Number Hot Search : 
50N60 CS5165A SDH40F XBXXX D13009K 15FR005 ICS29110 5A102G
Product Description
Full Text Search
 

To Download D12S1R880D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  application note _ 0 811 201 6 r ev:0 1 e - mail : dcdc@deltaww.com delta confidential http://www.deltaww.com/dcdc p 1 what is power b lock ? power b lo ck is not a stand along dcdc converter . i t contain s the necessary power stage components of a pol converter, su ch as mosfets , output inductor and driver . a dding pwm controller ( either digital or analog ones ) and necessary control circuit compon ents to power b lock, a full functioning pol converter is obtained . basic operation and features delta p ower b lock is designed to operate from a typical inte rmediate bus voltage ( 7v ~13.2v ), and provide an output voltage adjustable from 0.6~3.3v. the product is in smd package with a very small footprint (for example, the dimension of a 80a p ower b lock is 0.5 wx1.0lx 0.48h , the power density is up to 890w/in 3 ). multiple power block modules can be applied to power system in parallel fasion to application n ote for p ower b lock power b lock dc - dc modules are developed to address the ever - growing demands of increased current and power densities in mission critical applications while pro viding maximum flexibility for system configuration.
application note _ 0 811 201 6 r ev:0 1 e - mail : dcdc@deltaww.com delta confidential http://www.deltaww.com/dcdc p 2 provide higher output power. also in some of delta s power block design, mutiple power train is integrated in one p ower b lock module , which can provides either an i nt erleaved single output, or independent multiple outputs with one p ower b lock . f or e xample, delta s 45a p ower b lock d12s1r845 d has two 22.5a independent channels. i f the customer need s two different output voltages , they can set one channel at one output voltage and the other channel with a different output voltage , and both can output 22.5a current. i n addition, customer can set the two channels interleave to obtain a total of 45a output current. by paralleling two 45 a p ower b lock modules , one can obtain up to 90a output current. t his flexib ility makes it possible to obtain different output power with a single p ower b lock module . t herefore the number of different pol design is reduced. what benefits bring from power b lock? ? higher efficiency and power density ? ? ? easier thermal and emi man agement for system board ? s el f - contained thermal management. ? ? easier system design and qualification ? ? ? ? ? lower cost ? ?
application note _ 0 811 201 6 r ev:0 1 e - mail : dcdc@deltaww.com delta confidential http://www.deltaww.com/dcdc p 3 simpl ified application circuit for power bloc k power block gets maximum flexibi lity and use in a wide variety of applications, ranging from 0.6~3.3v with slight modification on control circuit . 140 a power block with pwm controller ltc7851 ( l t) 60a , 80a and 100a p ower b lock with pwm controller tps40425(ti)
application note _ 0 811 201 6 r ev:0 1 e - mail : dcdc@deltaww.com delta confidential http://www.deltaww.com/dcdc p 4 45a p ower b lock with pwm controller l tc3861 (linear) 30a p ower b lock with pwm controller px7141(infineon)
application note _ 0 811 201 6 r ev:0 1 e - mail : dcdc@deltaww.com delta confidential http://www.deltaww.com/dcdc p 5 delta power b lock m odel list m odel name input output eff @ 100% load ,max vout s ize (mm) lxwxh) recommended pwm controller d12s1r830 d 7~13.2v 0.8~1.8v max 30a 91.5% (11vin) 25.4x12.7x12.2 px7141h d12s1r845 d 7~13.2v 0.6~3.3v max 45a 95.3% (11vin) 25.4x12.7x12.2 tps40425/ltc3861 d12s1r860 d 7~13.2v 0.6~3.3v max 60a 93.8% (11vin) 25.4x12.7x12. 2 tps40425/ltc3861 d12s1r880 d 7~13.2v 0.6~3.3v max 80a 95.2% (11vin) 25.4x12.7x12.2 tps40425/ltc3861 - 1 d12s1r 10 0 d 7~13.2v 0.6~3.3v max 10 0a 95. 5 % (11vin) 25.4x12.7x12.2 tps40425/ltc3861 - 1 d12s1r 14 0 d 7~13.2v 0.6~3.3v max 1 4 0a 9 6 . 0 % (11vin) 30 . 0 x1 1 . 9 x12.2 l tc7851 ? f or more detail specification, pl ease refer to power b lock datasheet or contact with deltas technical support team.


▲Up To Search▲   

 
Price & Availability of D12S1R880D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X